Part Number Hot Search : 
MAX703 1N5233B TDA4857 MC10EL MD1213 RF300 24470 50PT12SM
Product Description
Full Text Search
 

To Download SCD34DH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zowie (40v / 3.0a) SCD34DH absolute maximum ratings (ta = 25 o c) v rrm v i f(av) a i fsm a t j t stg 8.3ms single half sine-wave item average forward current symbol conditions unit peak forward surge current operating junction temperature range SCD34DH 40 80 -55 to +125 -55 to +150 3.0 repetitive peak reverse voltage storage temperature range schottky barrier diode * halogen-free type * compliance to rohs product * lead less chip form, no lead damage * low power loss, high efficiency * high current capability, low vf * plastic package has underwriters laboratory flammability classification 94v-0 features * switching mode power supply applications * portable equipment battery applications * high frequency rectification * dc / dc converter * telecommunication application * 3,000 pieces per 7" (178mm 2mm) reel * 4 reels per box * 6 boxes per carton packing case : packed with frp substrate and epoxy underfilled terminals : pure tin plated (lead-free), solderable per mil-std-750, method 2026. polarity : laser cathode band marking weight : 0.02 gram mechanical data o c o c electrical characteristics (ta = 25 o c) item symbol conditions min. typ. type max. unit v f i f = 1.0a i f = 3.0a v - - 0.37 0.46 - 0.50 SCD34DH forward voltage (note 1) o c/w - 55 - r th(ja) junction to ambient (note 2) thermal resistance o c/w - 17 - r th(jl) junction to lead (note 2) pf - 120 - c j v r = 4v, f = 1.0 mhz junction capacitance ma - 0.02 0.15 i rrm repetitive peak reverse current v r = max. v rrm , ta = 25 o c 2008/09 rev. 0 notes : (1) pulse test width pw=300usec , 1% duty cycle. (2) mounted on p.c. board with 0.2 x 0.2"(5.0 x5.0mm) copper pad areas. uni t : mm outline dimensions marking equivalent : sma do-214ac 2.20 0.1 0. 5 0 0.95 0.2 0.95 0.2 4.5 0.1 0.05 0.96 + 0.2 - 0.1 cathode mark amps class series code voltage class scd 34d halogen-free type . case : 2010 special dice
zowie (40v / 3.0a) SCD34DH 2008/09 rev. 0 fig.1 - forward current derating curve average forward rectified current, amperes 3.0 2.0 1.0 0 0 50 70 90 110 130 150 170 resistive or inductive load p.c.b. mounted on 0.2x0.2"(5.0x5.0mm) copper pad areas lead temperature, o c fig.2 - maximum non-repetitive peak forward surge current peak forward surge current, amperes number of cycles at 60hz 8.3ms single half sine-wave (jedec method) 0 10 20 30 50 60 70 40 80 1 10 100 fig.4 - typical reverse characteristics percent of rated peak reverse voltage,% instantaneous reverse current, milliamperes 0.01 .001 0 20 0.10 1.0 10 100 t j =100 o c t j =25 o c 40 60 80 100 fig.5 - typical junction capacitance t j = 25 o c f=1.0mhz vsig=50mvp-p reverse voltage, volts .1 junction capacitance, pf 400 1.0 10 100 100 10 0 0.001 10 0.01 0.10 1.00 0.1 0.2 0.3 0.4 0.5 0.8 0.7 0.6 iinstantaneous forward current, (a) forward voltage, (v) fig.3 - typical instantaneous forward characteristics ta = 2 5 o c


▲Up To Search▲   

 
Price & Availability of SCD34DH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X